Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO74557S Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74557S
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557S Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74557S Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO74557S Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DIO74557S
Version 1.1, May 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
8
8. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality.
The application information is not part of the specification and is for reference purposes only.
Figure 3. Application circuit interfacing with typical SIM card
8.1. Embedded enable
The embedded enable feature is available for the QFN1.8*1.4-10 package when the enable pin of the QFN
package is tied to VCCA. The DIO74557S includes an automatic enable function that activates the level shifter
function when the voltage of VCCB exceeds VCCB_EN. Conversely, the SIM card side drivers and level shifter
function are deactivated as soon as VCCB falls below VCCB_DIS. Additionally, the I/O pin on the host side is set up
as an input with a 5 kΩ resistor that is pulled up to VCCA.
When VCCB falls below VCCB_DIS but remains above the MOS threshold voltage (VTH), the pull-down NMOS in the
one-directional and bidirectional drivers will be turned off, while the NMOS controlled by CTL will be turned on.
As a result, the CLK/RST/IO pins on the card side will be pulled low by the 450 Ω resistor. Furthermore, both the
host and card side CLK/RST pins have a 100 kΩ pull-down resistor. The 450 Ω resistor is used for discharge
during VCCB power off (when VTH < VCCB < VCCB_EN), while the 100 kΩ resistor is used to keep
RST_SIM/CLK_SIM low when VCCB is below VTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com