Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6431DFPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO6431DFPRQ1
Description  ISO643x-Q1 General-Purpose, Basic and Reinforced, Triple-Channel Digital Isolators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6431DFPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  ISO6431DFPRQ1 Datasheet HTML 1Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 2Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 3Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 4Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 5Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 6Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 7Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 8Page - Texas Instruments ISO6431DFPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
5 Pin Configuration and Functions
Pin Configuration for Wide-SOIC (DW-16) , Wide-SSOP (DFP-16) and SSOP (DBQ-16)
1
VCC1
16
VCC2
2
GND1
15
GND2
3
INA
14
OUTA
4
INB
13
OUTB
5
OUTC
12
INC
6
NC
11
NC
7
EN1
10
EN2
8
GND1
9
GND2
Not to scale
Figure 5-1. ISO6431-Q1 and ISO6431F-Q1 Top View
Table 5-1. Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
ISO6431-Q1 ,
ISO6431F-Q1
EN1
7
I
Output enable 1. Output pins on side 1 are enabled when EN1 is high or open and
in high-impedance state when EN1 is low.
EN2
10
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and
in high-impedance state when EN2 is low.
GND1
2,8
—
Ground connection for VCC1
GND2
9,15
—
Ground connection for VCC2
INA
3
I
Input, channel A
INB
3
I
Input, channel B
INC
12
I
Input, channel C
NC
6, 11
Not internally connected, do not connect in application
OUTA
14
O
Output, channel A
OUTB
14
O
Output, channel B
OUTC
5
O
Output, channel C
VCC1
1
—
Power supply, side 1
VCC2
1
—
Power supply, side 2
(1)
I = Input, O = Output
ISO6431-Q1
SLVSJ21 – JUNE 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6431-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com