Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF45-48 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF45-48
Description  the characteristics of the SAW Duplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF45-48 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF45-48 Datasheet HTML 1Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 2Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 3Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 4Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 5Page - Advanced Crystal Technology ACTF45-48 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3.2 Electrical Characteristics
Characteristics of channel 46:
Reference temperature:
TA=25
°C
Source impedance:
ZS=50Ω
Load impedance:
ZL=50Ω
Item
Freq
min.
typ.
max.
Units
Nominal frequency
fN
-
45.24
-
MHz
Insertion attenuation
45.00~45.48MHz
4.5
6.0
dB
20.00~41.50MHz
30.0
35.0
48.00~48.48MHz
40.0
47.0
Attenuation
48.48~80.00MHz
30.0
35.0
dB
Temperature coefficient
-72
ppm/k
Characteristics of channel 49:
Reference temperature:
TA=25
°C
Source impedance:
ZS=50Ω
Load impedance:
ZL=50Ω
Item
Freq
min.
typ.
max.
Units
Nominal frequency
fN
-
48.24
-
MHz
Insertion attenuation
48.00 ~48.48MHz
4.5
6.0
dB
20.00~45.00MHz
30.0
35.0
45.00~45.48MHz
40.0
47.0
Attenuation
51.50~80.00MHz
30.0
35.0
dB
Temperature coefficient
-72
ppm/k
Isolation between 46 and 49:
Reference temperature:
TA=25
°C
Source impedance:
ZS=50Ω
Load impedance:
ZL=50Ω
Item
Freq
min.
typ.
max.
Units
45.00~45.48MHz
40.0
48.0
Attenuation
48.00~48.48MHz
38.0
44.0
dB
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com