Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A-BDFT Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 33Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 34Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 35Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 36Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 37Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 38Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 39Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 40Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Reading of Data from Addressable Registers (Register
Read Mode)
After the SPI operation mode bits the address of register to be
read has to be provided from the MSB to the LSB. Then one or
more data bytes are transferred to MISO output, always from
the MSB to the LSB. As in case of the write mode also the read
mode supports auto-incrementing address.
MOSI is sampled at the falling edge of SCLK (like shown in the
following diagrams); data to be read from the AS3953A internal
register is driven to MISO pin on rising edge of SCLK and is
sampled by the master at the falling edge of SCLK.
In case the register on defined address does not exist all ‘0’ data
is sent to MISO.
In the following figure example for reading of single byte is
given.
Figure 44:
Reading of a Single Register
00
1
A4
A3
A2
A1
A0
X
X
SCLK rising
edge Data is
moved from
Address
<A4-A0>
/SS rising
edge signals
end of READ
Mode
Three leading
bits indicate
Mode
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
SCLK falling
edge Data is
transfered to
µC
D
5
/SS
SCLK
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com