Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7038RB-COLT Datasheet(PDF) 97 Page - ams-OSRAM AG

Part # AS7038RB-COLT
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB-COLT Datasheet(HTML) 97 Page - ams-OSRAM AG

Back Button AS7038RB-COLT Datasheet HTML 93Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 94Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 95Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 96Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 97Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 98Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 99Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 100Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 101Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 96
ECG_THRESHOLD_HIGH (Address 0x6b)
Figure 128:
ECG_THRESHOLD_HIGH Register
Addr: 0x6b
ECG_THRESHOLD_HIGH
Bit
Bit Name
Default
Access
Bit Description
7:0
ecg_threshold_high
FF
RW
If the ADC returns an ECG value
above agc_threshold_high (not equal)
at ecg_leadsdet_pol=1, then the
lead_off interrupt can be triggered
7.1.18
ADC and FIFO
The ADC is a 14-bit successive-approximation register (SAR) type. It supports 14-bit with conversion
time up to 50 ksps.
The ADC is started by the sequencer and its timing or in manual mode (man_mode=1) by setting
seq_start=1 (seq_start stays ‘1’ as long as the conversion runs). The AS7038RB can be configured to
trigger an interrupt upon end of conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com