Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7421 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS7421 Datasheet HTML 18Page - ams-OSRAM AG AS7421 Datasheet HTML 19Page - ams-OSRAM AG AS7421 Datasheet HTML 20Page - ams-OSRAM AG AS7421 Datasheet HTML 21Page - ams-OSRAM AG AS7421 Datasheet HTML 22Page - ams-OSRAM AG AS7421 Datasheet HTML 23Page - ams-OSRAM AG AS7421 Datasheet HTML 24Page - ams-OSRAM AG AS7421 Datasheet HTML 25Page - ams-OSRAM AG AS7421 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Document Feedback
AS7421
Device and System Calibration
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 21
8
Device and System Calibration
AS7421 is a fully integrated spectrometer, including sensor array, light sources, optics, Fabry-Perot
interference filter, cover glass, light guide, all integrated into a single package. Factors such as
temperature drift of the LEDs, wavelength shift of the filters but also system related influences such as
optical stack-up of the final application influence the measurement results and therefore need to be
calibrated to provide accurate and repeatable spectral measurements.
Typically a calibration consist of 2 stages, stage 1 is Device Calibration. ams OSRAM is providing a
device calibration file for each individual device which is linked to its unique device ID. This Device
Calibration file is needed for final System Calibration and can be used by our provided “Calibration
Library”.
System Calibration is done to compensate influences which are caused by final system optical stack
up implementation, such as cross talk from cover glasses or influences from external diffusers within
the optical stack-up. The System Calibration file (stage 2) is generated by use of our Calibration
Library.
Figure 19:
Calibration Stages
Calibration Stage
Addressed Items
Comment
Device Calibration
(Stage 1 Calibration)
Sensor Array (responsivity)
Device Calibration file is provided
by ams OSRAM for each individual
AS7421 device.
Light Sources (SPD)
Temperature Drift of PDs
Filter Performance (PWL)
System Calibration
(Stage 2 Calibration)
Optical stack of final application
such as cover glasses, system
optics…
In order to generate a system
calibration file the Device
Calibration file and the calibration
library are needed.
ams OSRAM is providing the following supporting tools to enable system calibration at customer
applications.
Figure 20:
Supporting Tools (SW and Calibration)
Supporting Tools
Function
Version
AS7421 Calibration Library
Provides APIs for system calibration.
1.4.0
Calibration Library API Documentation
Documentation of available APIs.
1.4.0
AS7421 Chip Library
Provide low level access to AS7421
configuration.
4.0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com