Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP-104-FASR Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # BP-104-FASR
Description  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BP-104-FASR Datasheet(HTML) 1 Page - ams-OSRAM AG

  BP-104-FASR Datasheet HTML 1Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 2Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 3Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 4Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 5Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 6Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 7Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 8Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
BP 104 FASR
1 Version 1.3 | 2018-05-30
Produktdatenblatt | Version 1.1
www.osram-os.com
BP 104 FASR
DIL SMT
Silicon PIN Photodiode with Daylight Blocking Filter
Applications
—
Rain sensors
Features:
—
Package: black epoxy
—
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Especially suitable for applications from 730 nm to 1100 nm
—
Short switching time (typ. 20 ns)
—
Suitable for SMT
Ordering Information
Type
Photocurrent
Photocurrent
Ordering Code
typ.
E
e = 1 mW/cm²; λ = 870 nm; VR = 5 V Ee = 1 mW/cm²; λ = 870 nm; VR = 5 V
I
P
I
P
BP 104 FASR-Z ≥ 25 µA
34 µA
Q65110A4263


Similar Part No. - BP-104-FASR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BP-104-FASR OSRAM-BP-104-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
More results

Similar Description - BP-104-FASR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205F OSRAM-SFH205F_15 Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH225FA OSRAM-SFH225FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
SFH-205-F OSRAM-SFH-205-F Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com