Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW-34-FA Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # BPW-34-FA
Description  Silicon PIN Photodiode with Daylight Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPW-34-FA Datasheet(HTML) 2 Page - ams-OSRAM AG

  BPW-34-FA Datasheet HTML 1Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 2Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 3Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 4Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 5Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 6Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 7Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 8Page - ams-OSRAM AG BPW-34-FA Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BPW 34 FA
DATASHEET
DATASHEET
2 | Version 1.6 | 2023-08-01
DIL
BPW 34 FA
Silicon PIN Photodiode with Daylight Filter
Applications
- Access Control & Security
- Factory Automation
- Robotics
Features
- Package: black epoxy
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Especially suitable for applications from 730 nm to 1100 nm
- Short switching time (typ. 20 ns)
- DIL plastic package with high packing density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com