Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX-61 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # BPX-61
Description  Silicon PIN Photodiode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPX-61 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button BPX-61 Datasheet HTML 3Page - ams-OSRAM AG BPX-61 Datasheet HTML 4Page - ams-OSRAM AG BPX-61 Datasheet HTML 5Page - ams-OSRAM AG BPX-61 Datasheet HTML 6Page - ams-OSRAM AG BPX-61 Datasheet HTML 7Page - ams-OSRAM AG BPX-61 Datasheet HTML 8Page - ams-OSRAM AG BPX-61 Datasheet HTML 9Page - ams-OSRAM AG BPX-61 Datasheet HTML 10Page - ams-OSRAM AG BPX-61 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BPX 61
DATASHEET
DATASHEET
7 | Version 1.7 | 2025-06-11
Photocurrent/Open-Circuit Voltage 2), 3)
I
P (VR = 5 V) / VO = f (Ev)
Dark Current 2), 3)
I
R = f (VR); E = 0
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
Capacitance 2), 3)
C = f (V
R); f = 1MHz; E = 0; TA = 25°C
V
OHF00081
R
-2
10
C
0
-1
10
0
10
1
10
2
10
V
10
20
30
40
50
60
70
80
pF
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com