Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX-84 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # BPX-84
Description  Silicon NPN Phototransistor Arrays
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPX-84 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button BPX-84 Datasheet HTML 4Page - ams-OSRAM AG BPX-84 Datasheet HTML 5Page - ams-OSRAM AG BPX-84 Datasheet HTML 6Page - ams-OSRAM AG BPX-84 Datasheet HTML 7Page - ams-OSRAM AG BPX-84 Datasheet HTML 8Page - ams-OSRAM AG BPX-84 Datasheet HTML 9Page - ams-OSRAM AG BPX-84 Datasheet HTML 10Page - ams-OSRAM AG BPX-84 Datasheet HTML 11Page - ams-OSRAM AG BPX-84 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BPX 84
DATASHEET
DATASHEET
8 | Version 1.4 | 2023-06-06
Photocurrent 4), 5)
I
PCE = f (Ee) ; VCE = 5 V
Dark Current 4), 5)
I
CE0 = f (VCE) ; E = 0
OHF04049
VCE
0
10
101
10-1
10-2
CEO
I
nA
0V
5
10 15
20 25 30 35
Collector-Emitter Capacitance 4), 5)
C
CE = f (VCE); f = 1 MHz; E = 0
0
pF
OHF04051
CE
C
CE
V
10-3
10-2
10-1
100
101
102
V
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com