Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV20000 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # CMV20000
Description  CMV20000 20MP CMOS machine vision image sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV20000 Datasheet(HTML) 4 Page - ams-OSRAM AG

  CMV20000 Datasheet HTML 1Page - ams-OSRAM AG CMV20000 Datasheet HTML 2Page - ams-OSRAM AG CMV20000 Datasheet HTML 3Page - ams-OSRAM AG CMV20000 Datasheet HTML 4Page - ams-OSRAM AG CMV20000 Datasheet HTML 5Page - ams-OSRAM AG CMV20000 Datasheet HTML 6Page - ams-OSRAM AG CMV20000 Datasheet HTML 7Page - ams-OSRAM AG CMV20000 Datasheet HTML 8Page - ams-OSRAM AG CMV20000 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
CMV20000
General description
Datasheet • PUBLIC • Document Feedback
DS000440 • v3-00 • 2026-Mar-13
4 / 69
/
CMV20000 20MP CMOS machine vision
image sensor
1
General description
The CMV20000 is a global shutter CMOS image sensor with 5120 by 3840 pixels. The image
array consists of 6.4μm x 6.4μm pipelined global shutter pixels, which allow exposure during
read out while performing CDS operation. The image sensor has sixteen 12-bit digital LVDS
outputs (serial). The image sensor also integrates a programmable gain amplifier and offset
regulation. Each channel runs at 480 Mbps maximum which results in 30 fps frame rate at full
resolution. Higher frame rates can be achieved in row-windowing mode or row-subsampling
mode. These modes are all programmable using the SPI interface. A programmable on-board
sequencer generates all internal exposure and read out timings. External triggering and
exposure programming is possible. Extended optical dynamic range can be achieved by
multiple integrated high dynamic range modes.
1.1
Key benefits & features
The benefits and features of CMV20000, 20MP CMOS machine vision image sensor are listed
below:
Table 1: Added value of using CMV20000
Benefits
Features
Capture fast moving objects
Capture fast moving objects
8T global shutter pixel with true Correlated
8T global shutter pixel with true Correlated
Double Sampling (true-CDS)
Double Sampling (true-CDS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com