Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV50000 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # CMV50000
Description  47.5MP CMOS Machine Vision Image Sensor
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV50000 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button CMV50000 Datasheet HTML 40Page - ams-OSRAM AG CMV50000 Datasheet HTML 41Page - ams-OSRAM AG CMV50000 Datasheet HTML 42Page - ams-OSRAM AG CMV50000 Datasheet HTML 43Page - ams-OSRAM AG CMV50000 Datasheet HTML 44Page - ams-OSRAM AG CMV50000 Datasheet HTML 45Page - ams-OSRAM AG CMV50000 Datasheet HTML 46Page - ams-OSRAM AG CMV50000 Datasheet HTML 47Page - ams-OSRAM AG CMV50000 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 137 page
background image
Document Feedback
CMV50000
Functional Description
Datasheet
• PUBLIC
DS000522
• v4-00 • 2023-Aug-03
136
│ 43
Figure 45:
State Diagram: Triggered Internal Mode
When exiting IDLE mode, the behavior is identical to Programmed External mode: a rising edge on
REQ_EXP will initiate the EXPOSURE state, which ends after a register defined exposure time. When
the exposure time expires, a GLOB state is started, followed by READOUT.
The behavior during the READOUT phase depends on the number of frames that were requested
(also set by register) and the amount of frames that have already been read during the active
sequence:
●
Last READOUT of requested sequence:
●
Finish active READOUT and move back to IDLE state
●
All other READOUT:
●
Restart EXPOSURE for the next frame. EXPOSURE is started at the correct moment to
make it finish exactly 'frame time' later than the GLOB period was started.
●
The end of this EXPOSURE will initiate a new GLOB phase.
●
Because a GLOB period immediately follows the EXPOSURE period, there will be exactly
'frame time' delay between two consecutive frames.
An example (with 3 frames requested) is shown in the figure below.
EXPOSURE
GLOB
IDLE
RESET
READOUT
rising (REQ_EXP)
after (exposure time)
1st
EXPOSURE
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
rising (REQ_EXP)
after (exposure time)
after (frame time)
last frame read out
after (ExpDelay) **
**
=> ExpDelay = frame time
– exp time
=> No new EXPOSURE during last READOUT
1 frame read out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com