Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUW-Y3SH-B2 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # CUW-Y3SH-B2
Description  Micro SIDELED® 3806
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CUW-Y3SH-B2 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button CUW-Y3SH-B2 Datasheet HTML 3Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 4Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 5Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 6Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 7Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 8Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 9Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 10Page - ams-OSRAM AG CUW-Y3SH-B2 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CUW Y3SH.B2
DATASHEET
DATASHEET
7 | Version 1.2 | 2024-08-14
Chromaticity Coordinate Groups
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
5J
0.2850
0.2658
0.2850
0.2558
0.2800
0.2466
0.2800
0.2566
5K
0.2900
0.2750
0.2900
0.2650
0.2850
0.2558
0.2850
0.2658
5L
0.2950
0.2842
0.2950
0.2742
0.2900
0.2650
0.2900
0.2750
5M
0.3000
0.2934
0.3000
0.2834
0.2950
0.2742
0.2950
0.2842
Group
Cx
Cy
5N
0.3050
0.3026
0.3050
0.2926
0.3000
0.2834
0.3000
0.2934
5P
0.3100
0.3118
0.3100
0.3018
0.3050
0.2926
0.3050
0.3026
5Q
0.3150
0.3210
0.3150
0.3110
0.3100
0.3018
0.3100
0.3118
5R
0.3200
0.3302
0.3200
0.3202
0.3150
0.3110
0.3150
0.3210
Group
Cx
Cy
5S
0.3250
0.3394
0.3250
0.3294
0.3200
0.3202
0.3200
0.3302
5T
0.3300
0.3486
0.3300
0.3386
0.3250
0.3294
0.3250
0.3394
6J
0.2850
0.2758
0.2850
0.2658
0.2800
0.2566
0.2800
0.2666
6K
0.2900
0.2850
0.2900
0.2750
0.2850
0.2658
0.2850
0.2758



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com