Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW2-FKAQ83-Z1 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # CW2-FKAQ83-Z1
Description  OSLUX® S
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CW2-FKAQ83-Z1 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button CW2-FKAQ83-Z1 Datasheet HTML 6Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 7Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 8Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 9Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 10Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 11Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 12Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 13Page - ams-OSRAM AG CW2-FKAQ83-Z1 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CW2 FKAQ83.Z1
10 Version 1.1 | 2020-10-13
Max. Permissible Forward Current
I
F = f(T)
020406080
T / °C
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
IF / mA
CW2FKAQ83.Z1
:Ta
Permissible Pulse Handling Capability
D: Duty cycle
10-6 10-5 10-4 10-3 0.01
0.11
10
Pulsetime / s
0.5
1.0
1.5
2.0
2.5
IF / A
TA =0°C ... 85°C
CW2FKAQ83.Z1
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
D: Duty cycle
10-6 10-5 10-4 10-3 0.01
0.11
10
Pulsetime / s
0.5
1.0
1.5
2.0
2.5
IF / A
TA = 85°C
CW2FKAQ83.Z1
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com