Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT30TTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT30TTR
Description  8-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT30TTR Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT30TTR Datasheet HTML 1Page - STMicroelectronics M74HCT30TTR Datasheet HTML 2Page - STMicroelectronics M74HCT30TTR Datasheet HTML 3Page - STMicroelectronics M74HCT30TTR Datasheet HTML 4Page - STMicroelectronics M74HCT30TTR Datasheet HTML 5Page - STMicroelectronics M74HCT30TTR Datasheet HTML 6Page - STMicroelectronics M74HCT30TTR Datasheet HTML 7Page - STMicroelectronics M74HCT30TTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M74HCT30
2/8
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3 ,4, 5,
6, 11, 12
A, B, C, D, E,
F, G, H,
Data Inputs
9, 10, 13
NC
Not connected
8
Y
Data Output
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
A
BCD
E
F
G
H
Y
L
XXXX
XXX
H
X
L
XXX
XXX
H
X
XLX
X
X
X
X
H
X
X
XLX
X
X
X
H
X
XXX
L
XXX
H
X
XXXX
L
X
X
H
X
XXXX
X
L
X
H
X
XXXX
XX
LH
H
HHHH
HHH
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time (VCC = 4.5 to 5.5V)
0 to 500
ns



Html Pages

1 2 3 4 5 6 7 8