Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB-2008 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # VB-2008
Description  Low resonance damper using high damping material.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

VB-2008 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  VB-2008 Datasheet HTML 1Page - KITAGAWA GmbH VB-2008 Datasheet HTML 2Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
121
■ Vibration
transmission
Properties
Solution for Vibration, Noise and Impact problems
VB
SYD
10
100
1000
SY
D-1010-ALS37ABK
SY
D-1016-ALS37ABK
SY
D-1412-ALS37ABK
SY
D-1416-ALS37ABK
Freq
uency[Hz]
Freq
uency[Hz]
HIGH-END DAMPER /HED
10
100
1000
HE
D-1111-ALS20ABK
0
.01
0
.1
1
10
0
.01
0
.1
1
10
Freq
uency[Hz]
SY DAMPER・HIGH-END DAMPER/SYD ・HED
Low resonance damper using high damping material.
Please contact our sales department for installation instructions (precautions) before use.
Also please confirm precautions described on the begining page of the brochure.
0
.01
0
.1
1
10
10
100
1000
Testing condition
Load:400g
Support point number:
Four point mounting
Acceleration:0.4G
VB-0905-95T
VB-0906-80BK
VB-1005-95T
VB-1006-95T
VB-1209-80BK
VB-1209-95T
VB-1209REV-ALS20ABK
VB
-1613-ALS20ABK
VB
-2008-100BK
VB
-2008-ALS20ABK
VB
-2008-ALS37ABK
VB
-100610-AGL32
VB
-120910-AGL32
VB
-160916-AGL32
●
Higher damping performance lead to instant damping of vibration and impact.
●
Using silicone free material.
●
Low resonance is achieved by high damping material.


Similar Part No. - VB-2008

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB-20 NJSEMI-VB-20 Datasheet
93Kb / 2P
High Voltage Diffused Rectifiers
VB-20X NJSEMI-VB-20X Datasheet
93Kb / 2P
High Voltage Diffused Rectifiers
More results

Similar Description - VB-2008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
High Voltage Damper Diodes
25-Jul-02
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
HIGH FREQUENCIES DAMPER DIODES
logo
Vishay Siliconix
DTV32 VISHAY-DTV32 Datasheet
146Kb / 4P
High Voltage Damper Diodes
02-Nov-04
logo
STMicroelectronics
DTV1500SD STMICROELECTRONICS-DTV1500SD Datasheet
59Kb / 6P
HIGH VOLTAGE DAMPER DIODE
16-Mar-2005
logo
Vishay Siliconix
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
High Voltage Damper Diodes
07-Nov-07
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
High Voltage Damper Diodes
31-May-2011
DTV32 VISHAY-DTV32_11 Datasheet
123Kb / 5P
High Voltage Damper Diodes
31-May-2011
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
High Voltage Damper Diodes
14-Jan-11
logo
3M Electronics
2552 3M-2552 Datasheet
118Kb / 4P
Damping Foil
Jan-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com