Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT652 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT652
Description  HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT652 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT652 Datasheet HTML 1Page - STMicroelectronics M74HCT652 Datasheet HTML 2Page - STMicroelectronics M74HCT652 Datasheet HTML 3Page - STMicroelectronics M74HCT652 Datasheet HTML 4Page - STMicroelectronics M74HCT652 Datasheet HTML 5Page - STMicroelectronics M74HCT652 Datasheet HTML 6Page - STMicroelectronics M74HCT652 Datasheet HTML 7Page - STMicroelectronics M74HCT652 Datasheet HTML 8Page - STMicroelectronics M74HCT652 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M74HCT651
M74HCT652
October 1993
HCT652 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE)
HCT651 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE, INV.)
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
fMAX = 60 MHz (TYP.) AT VCC =5V
.
COMPATIBLE WITH TTL OUTPUTS
VIH = 2 V (MIN.) AT VIL = 0.8V (MAX)
.
LOW POWER DISSIPATION
ICC =4
µA (MAX) AT TA =25 oC
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 6 mA (mIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS651/652
DESCRIPTION
M74HCT651/652 are high speed CMOS OCTAL
BUS
TRANSCEIVERS
AND
REGISTERS
(3-STATE), fabricated in silicon gate C
2MOS
technology. They have the same high speed
performance of LSTTL combined with true CMOS
low power consumption. These devices consist of
bus transceiver circuits, D-type flip-flops, and control
circuitry arranged for multiplexed transmission of
data directly from the input bus or from the internal
storage registers. Enable GAB and GBA are
provided to control the transceiver functions. Select
AB and Select BA control pins are provided to select
whether real-time or stored data is transfered. A low
input level selects real-time data, and a high selects
stored data. Data on the A or B bus, or both, can be
stored in the internal D flip-flops by low-to-high
transitions at the appropriate clock pins (CLOCK AB
or CLOCK BA) regardless of the select or enable
control pins. When select AB and select BA are in the
real-time transfer mode, it is also possible to store
data without using the internal D-type flip-flops by
simultaneously enabling GAB and GBA. In this
configuration each output reinforces its input. Thus,
when all other data sources to the two sets of bus
lines are at high impedance, each set of bus lines will
remain at its last state. All inputs are equipped with
protection circuits against static discharge and
transient excess voltage.This integrated circuit has
input and output characteristics that are fully
compatible
with 54/74
LSTTL
logic
families.
M54/74HCT devices are designed to directly
interface HSCMOS systems with TTL and NMOS
components. They are also plug in replacements for
LSTTL devices giving a reduction of power
consumption.
GAB, GAB, CAB,
A, B
SAB, SBA, CBA
B1R
(Plastic Package)
ORDER CODES :
M74HCXXXM1R
M74HCXXXB1R
M1R
(Micro Package)
PIN CONNECTIONS (top view)
1/12


Similar Part No. - M74HCT652

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT640 STMICROELECTRONICS-M74HCT640 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640B1R STMICROELECTRONICS-M74HCT640B1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640C1R STMICROELECTRONICS-M74HCT640C1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT640M1R STMICROELECTRONICS-M74HCT640M1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M74HCT643 STMICROELECTRONICS-M74HCT643 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
More results

Similar Description - M74HCT652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
Octal bus transceiver/register 3-State
1998 Feb 17
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
M74HC646 STMICROELECTRONICS-M74HC646 Datasheet
202Kb / 12P
HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
M74HCT646 STMICROELECTRONICS-M74HCT646 Datasheet
201Kb / 12P
HCT646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
Oct-1993
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com