Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTF4003/433.92/QCC8C Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF4003/433.92/QCC8C
Description  low-loss, compact, and economical surface-acoustic-wave (SAW) filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4003/433.92/QCC8C Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF4003/433.92/QCC8C Datasheet HTML 1Page - Advanced Crystal Technology ACTF4003/433.92/QCC8C Datasheet HTML 2Page - Advanced Crystal Technology ACTF4003/433.92/QCC8C Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
3 OF 3
5-2.Electronic Characteristics
Reference temperature:
TA
= -45 …. +95 °C
Characteristic
Minimum
Typical
Maximum
Units
Centre Frequency
fC
(Centre frequency between 3dB points)
433.920
MHz
Minimum insertion Loss
ILmin
433.80 …. 434.12 MHz
--
2.0
4.0
dB
3dB Pass bandwidth (relative to ILmin)
BW3
670
730
790
kHz
Pass band (relative to ILmin)
433.76 …. 434.08 MHz
433.74 …. 434.10 MHz
433.68 …. 434.16 MHz
--
--
--
1.0
1.0
1.5
2.0
3.0
6.0
dB
dB
dB
Relative attenuation (relative to ILmin)
10.00 …. 414.00 MHz
414.00 …. 428.00 MHz
428.00 …. 432.84 MHz
434.92 …. 442.00 MHz
442.00 …. 550.00 MHz
550.00….1000.00 MHz
45
35
15
10
35
45
50
40
20
15
40
50
--
--
--
--
--
--
dB
dB
dB
dB
dB
dB
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com