Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF54250CDR Datasheet(PDF) 33 Page - Texas Instruments

Part # REF54250CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54250CDR Datasheet(HTML) 33 Page - Texas Instruments

Back Button REF54250CDR Datasheet HTML 29Page - Texas Instruments REF54250CDR Datasheet HTML 30Page - Texas Instruments REF54250CDR Datasheet HTML 31Page - Texas Instruments REF54250CDR Datasheet HTML 32Page - Texas Instruments REF54250CDR Datasheet HTML 33Page - Texas Instruments REF54250CDR Datasheet HTML 34Page - Texas Instruments REF54250CDR Datasheet HTML 35Page - Texas Instruments REF54250CDR Datasheet HTML 36Page - Texas Instruments REF54250CDR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
• Updated preview temperature drift from 0.5 ppm/°C to 0.8 ppm/°C for the ceramic package for the 2.5V,
4.096V, and 5V variants. ................................................................................................................................. 13
• Updated 5V variant noise reduction capacitor = 100µF value from 0.08 ppm p-p to 0.11 ppm p-p................. 13
• Added wideband noise specification with NR cap 1uF for 3V, 4.5V and 5V variants....................................... 13
• Added 9000 hours data to the long-term stability graph for FKH package and added temperature drift
distribution for REF54xxxFKHT. Renamed plots to distinguish between REF54xxxFKHT and REF54xxxCDR.
Figure 6-18 and Figure 6-20 ............................................................................................................................15
• Added the 9000 hours long term stability data for FKH package to Figure 7-4 ...............................................19
• Added layout example for FKH package.......................................................................................................... 30
Changes from Revision B (June 2024) to Revision C (May 2025)
Page
• Added REF54xxxCFKH information throuout the data sheet............................................................................. 1
• Changed REF54500CDR device variant status from preview to production data. Added LCCC package
variants in preview state..................................................................................................................................... 3
• Move REF54500CDR specifications from preview to released........................................................................13
• Added the 7500 hours long term stability data for SOIC package to Figure 7-3 ............................................. 19
• Added the 2000 hours long term stability data for FKH package to Figure 7-4 ...............................................19
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com