Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF54300CDR Datasheet(PDF) 18 Page - Texas Instruments

Part # REF54300CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54300CDR Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF54300CDR Datasheet HTML 14Page - Texas Instruments REF54300CDR Datasheet HTML 15Page - Texas Instruments REF54300CDR Datasheet HTML 16Page - Texas Instruments REF54300CDR Datasheet HTML 17Page - Texas Instruments REF54300CDR Datasheet HTML 18Page - Texas Instruments REF54300CDR Datasheet HTML 19Page - Texas Instruments REF54300CDR Datasheet HTML 20Page - Texas Instruments REF54300CDR Datasheet HTML 21Page - Texas Instruments REF54300CDR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = VREF + 0.5V, IL = 0mA, COut = CREF = 10μF, CNR = Open, CIN = 0.1μF, VREF = 2.5V (unless
otherwise noted)
Thermal Hysteresis (ppm)
0
20
40
60
80
0
5
10
15
20
25
Figure 6-19. REF54250 Thermal Hysteresis Distribution
(0°C to 70°C)
Time (Hr.)
0
400
800
1200
1600
2000
0
50
100
150
Figure 6-20. Long-Term Stability SOIC package 2000 Hours
Time (Hours)
0
1500
3000
4500
6000
7500
-100
-75
-50
-25
0
25
50
75
100
Avg
Avg+Std dev
Avg-Std dev
Figure 6-21. Long-Term Stability SOIC package 7500 Hours
Time (Hours)
0
400
800
1200
1600
2000
-15
-10
-5
0
5
10
15
Avg
Avg+Std dev
Avg-Std dev
Figure 6-22. Long-Term Stability FKH package 2000 Hours
Time (Hours)
0
1800
3600
5400
7200
9000
-15
-10
-5
0
5
10
15
Avg
Avg+Std dev
Avg-Std dev
Figure 6-23. Long-Term Stability FKH package 9000 Hours
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com