Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF54410CDR Datasheet(PDF) 30 Page - Texas Instruments

Part # REF54410CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54410CDR Datasheet(HTML) 30 Page - Texas Instruments

Back Button REF54410CDR Datasheet HTML 26Page - Texas Instruments REF54410CDR Datasheet HTML 27Page - Texas Instruments REF54410CDR Datasheet HTML 28Page - Texas Instruments REF54410CDR Datasheet HTML 29Page - Texas Instruments REF54410CDR Datasheet HTML 30Page - Texas Instruments REF54410CDR Datasheet HTML 31Page - Texas Instruments REF54410CDR Datasheet HTML 32Page - Texas Instruments REF54410CDR Datasheet HTML 33Page - Texas Instruments REF54410CDR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Figure 9-6. DC Measurement With ADS1285 (VIN = 2.0796V )
9.3 Power Supply Recommendation
The REF54 family of references features a low-dropout voltage. These references can be operated with a supply
of only 250mV above the output voltage for 5mA output current conditions. TI recommends a supply bypass
capacitor ranging between 0.1µF to 10µF. REF54 family have excellent PSRR (100dB at 1Khz) which relaxes
the requirement of clean power supply for the designer.
During start-up the REF54 can experience moments of high input current due to the output capacitors. The input
current can momentarily rise to short circuit current ISC.
9.4 Layout
9.4.1 Layout Guidelines
• Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The
recommended value of this bypass capacitor is from 0.1μF to 10μF. If necessary, additional decoupling
capacitance can be added to compensate for noisy or high-impedance power supplies. The smallest
capacitor must be placed closest to the device.
• The output must be decoupled with a 1μF to 100μF low ESR (maximum 1Ω) capacitor.
• Place a 1μF to 100μF low leakage noise filtering capacitor between the NR pin and ground.
9.4.2 Layout Example
Figure 9-7. Layout Example for SOIC package
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com