Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APW Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC541APW
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APW Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC541APW Datasheet HTML 9Page - Texas Instruments SN74LVC541APW Datasheet HTML 10Page - Texas Instruments SN74LVC541APW Datasheet HTML 11Page - Texas Instruments SN74LVC541APW Datasheet HTML 12Page - Texas Instruments SN74LVC541APW Datasheet HTML 13Page - Texas Instruments SN74LVC541APW Datasheet HTML 14Page - Texas Instruments SN74LVC541APW Datasheet HTML 15Page - Texas Instruments SN74LVC541APW Datasheet HTML 16Page - Texas Instruments SN74LVC541APW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
8.2.1.2 Input Considerations
Input signals must cross VIL(max) to be considered a logic LOW, and VIH(min) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. The unused inputs can be directly terminated if the
input is completely unused, or the inputs can be connected with a pullup or pulldown resistor if the input is
used sometimes, but not always. A pullup resistor is used for a default state of HIGH, and a pulldown resistor is
used for a default state of LOW. The drive current of the controller, leakage current into the SNx4LVC541A (as
specified in the Electrical Characteristics), and the desired input transition rate limits the resistor size. A 10kΩ
resistor value is often used due to these factors.
The SNx4LVC541A has CMOS inputs and thus requires fast input transitions to operate correctly, as defined in
the Electrical Characteristics table. Slow input transitions can cause oscillations, additional power consumption,
and reduction in device reliability.
Refer to the Feature Description for additional information regarding the inputs for this device.
8.2.1.3 Output Considerations
The positive supply voltage is used to produce the output HIGH voltage. Drawing current from the output
decreases the output voltage as specified by the VOH specification in the Electrical Characteristics. The ground
voltage is used to produce the output LOW voltage. Sinking current into the output increases the output voltage
as specified by the VOL specification in the Electrical Characteristics.
Push-pull outputs that can be in opposite states, even for a very short time period, must never be connected
directly together. This can cause excessive current and damage to the device.
Two channels within the same device with the same input signals can be connected in parallel for additional
output drive strength.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to the Feature Description section for additional information regarding the outputs for this device.
8.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Layout
section.
2. Verify that the capacitive load at the output is ≤ 50pF. Low load capacitance can be accomplished by
providing short, appropriately sized traces from the SNx4LVC541A to the receiving device.
3. Verify that the resistive load at the output is larger than (VCC / IO(max))Ω. Never violate the maximum output
current from the Absolute Maximum Ratings. Most CMOS inputs have a resistive load measured in MΩ;
much larger than the minimum calculated previously.
4. Thermal issues are rarely a concern for logic gates; however, the power consumption and thermal increase
can be calculated using the steps provided in the CMOS Power Consumption and Cpd Calculation
application note.
www.ti.com
SN54LVC541A, SN74LVC541A
SCAS298O – JANUARY 1993 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com