Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD-CSBRM2-14 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GD-CSBRM2-14
Description  OSLON™ Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-CSBRM2-14 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GD-CSBRM2-14 Datasheet HTML 2Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 3Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 4Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 5Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 6Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 7Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 8Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 9Page - ams-OSRAM AG GD-CSBRM2-14 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GD CSBRM2.14
DATASHEET
DATASHEET
6 | Version 1.4 | 2025-10-02
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
PPF *
PPF *
PPF/W *
PF **
PF **
PF/W **
I
F = 700 mA
I
F = 700 mA
min.
max.
min.
max.
typ.
min.
max.
typ.
Φ
E
Φ
E
Φ
p
Φ
p
Φ
p,b
Φ
p,b
AS
1400 mW
1500 mW
5.15
µmol/s
5.52
µmol/s
2.63
µmol/J
5.19
µmol/s
5.56
µmol/s
2.65
µmol/J
AJ
1500 mW
1550 mW
5.52
µmol/s
5.71
µmol/s
2.77
µmol/J
5.56
µmol/s
5.75
µmol/s
2.79
µmol/J
AK
1550 mW
1640 mW
5.71
µmol/s
6.04
µmol/s
2.89
µmol/J
5.75
µmol/s
6.08
µmol/s
2.91
µmol/J
AU
1640 mW
1800 mW
6.04
µmol/s
6.63
µmol/s
3.12
µmol/J
6.08
µmol/s
6.68
µmol/s
3.14
µmol/J
Note: [*] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm
Note: [**] Photon Flux includes wavelengths between 280 and 800 nm
Note: PPF and PF values are for reference only
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 700 mA
I
F = 700 mA
min.
max.
V
F
V
F
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V
M2
3.10 V
3.20 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 700 mA
I
F = 700 mA
min.
max.
λ
dom
λ
dom
2
444 nm
449 nm
3
449 nm
453 nm
4
453 nm
457 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com