Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASHVAC1200B Datasheet(PDF) 3 Page - Clarke International

Part # ASHVAC1200B
Description  ELECTRIC ASH-VAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ASHVAC1200B Datasheet(HTML) 3 Page - Clarke International

  ASHVAC1200B Datasheet HTML 1Page - Clarke International ASHVAC1200B Datasheet HTML 2Page - Clarke International ASHVAC1200B Datasheet HTML 3Page - Clarke International ASHVAC1200B Datasheet HTML 4Page - Clarke International ASHVAC1200B Datasheet HTML 5Page - Clarke International ASHVAC1200B Datasheet HTML 6Page - Clarke International ASHVAC1200B Datasheet HTML 7Page - Clarke International ASHVAC1200B Datasheet HTML 8Page - Clarke International ASHVAC1200B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
Please note that the details and specifications contained herein are correct
at the time of going to print. However CLARKE International reserve the right to
change specifications at any time without prior notice.
GENERAL SAFETY PRECAUTIONS
Prior to use, all users should become familiar with these instructions.
WORK AREA
1. AVOID operating in the presence of flammable liquids or gases. The motor
may produce sparks during operation. DO NOT use in enclosed areas
where flammable, explosive or toxic vapours are given off.
PERSONAL SAFETY
1. ALWAYS stay alert, watch what you are doing and use common sense
when operating this product. DO NOT use the ash-vac while you are tired
Model Number
ASHVAC1200B
Dimensions (W x D x H)
310 x 310 x 365 mm
Weight
3.4 kg (empty)
Drum Capacity
18 Litres
Dust Capacity
12 Litres
Airflow
38l/s
Duty Cycle
S1 (continuous)
Fuse Rating
13A
Power Supply
230V @50Hz 1ph
Motor power rating
1200W
IP Rating
IP20
Power Cable Length
4.15m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com