Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM5265 Datasheet(PDF) 2 Page - Clarke International

Part # CSM5265
Description  5-SHELF BOLTLESS SHELVING UNITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSM5265 Datasheet(HTML) 2 Page - Clarke International

  CSM5265 Datasheet HTML 1Page - Clarke International CSM5265 Datasheet HTML 2Page - Clarke International CSM5265 Datasheet HTML 3Page - Clarke International CSM5265 Datasheet HTML 4Page - Clarke International CSM5265 Datasheet HTML 5Page - Clarke International CSM5265 Datasheet HTML 6Page - Clarke International CSM5265 Datasheet HTML 7Page - Clarke International CSM5265 Datasheet HTML 8Page - Clarke International CSM5265 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Shelving Unit.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SCOPE
These instructions cover the following models
SPECIFICATIONS
Description
Model
Part Number
5-Shelf Boltless Shelving (Blue)
CSM5265/30BL
6600761
5-Shelf Boltless Shelving (Blue)
CSM5265/60BL
6600763
5-Shelf Boltless Shelving (Blue)
CSM5265/40BL
6600765
5-Shelf Boltless Shelving (Light Grey)
CSM5265/30LG
6600762
5-Shelf Boltless Shelving (Light Grey)
CSM5265/60LG
6600764
5-Shelf Boltless Shelving (Light Grey)
CSM5265/40LG
6600766
Model
Dimensions
(W x D x H)
Weight
(Empty)
Load per shelf
evenly
distributed
CSM5265/30BL & LG
900 x 300 x 1800 mm
15.6 kg
265 kg
CSM5265/40BL & LG
1200 x 400 x 1800 mm
23.2 kg
265 kg
CSM5265/60BL & LG
900 x 600 x 1800 mm
23.9 kg
265 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com