Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP-PSLM31-14 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # GP-PSLM31-14
Description  DURIS® S 5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GP-PSLM31-14 Datasheet(HTML) 5 Page - ams-OSRAM AG

  GP-PSLM31-14 Datasheet HTML 1Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 2Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 3Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 4Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 5Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 6Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 7Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 8Page - ams-OSRAM AG GP-PSLM31-14 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
GP PSLM31.14
5 Version 1.5 | 2021-07-26
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
PPF *
PPF *
PPF/W *
PF **
PF **
PF/W **
I
F = 100 mA
I
F = 100 mA
min.
max.
min.
max.
typ.
min.
max.
typ.
Φ
E
Φ
E
Φ
p
Φ
p
Φ
p,b
Φ
p,b
RJ
112 mW
121 mW
0.51
µmol/s
0.55
µmol/s
1.86
µmol/J
0.58
µmol/s
0.63
µmol/s
2.12
µmol/J
RK
121 mW
130 mW
0.55
µmol/s
0.59
µmol/s
2.00
µmol/J
0.63
µmol/s
0.67
µmol/s
2.28
µmol/J
RL
130 mW
140 mW
0.59
µmol/s
0.64
µmol/s
2.16
µmol/J
0.67
µmol/s
0.73
µmol/s
2.45
µmol/J
Note: [*] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm
Note: [**] Photon Flux includes wavelengths between 280 and 800 nm
Note: PPF and PF values are for reference only
Forward Voltage Groups
Group
Forward Voltage 2)
Forward Voltage 2)
I
F = 100 mA
I
F = 100 mA
min.
max.
V
F
V
F
K1
2.60 V
2.70 V
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com