Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCU04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCU04
Description  HEX INVERTER SINGLE STATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCU04 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCU04 Datasheet HTML 1Page - STMicroelectronics M74HCU04 Datasheet HTML 2Page - STMicroelectronics M74HCU04 Datasheet HTML 3Page - STMicroelectronics M74HCU04 Datasheet HTML 4Page - STMicroelectronics M74HCU04 Datasheet HTML 5Page - STMicroelectronics M74HCU04 Datasheet HTML 6Page - STMicroelectronics M74HCU04 Datasheet HTML 7Page - STMicroelectronics M74HCU04 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2002
s
HIGH SPEED:
tPD = 5ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 10% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 04
DESCRIPTION
The M74HCU04 is an high speed CMOS HEX
INVERTER (SINGLE STATE) fabricated with
silicon gate C2MOS technology.
As internal circuit is composed of a single stage
inverter, it can be used in crystal oscillator.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCU04
HEX INVERTER (SINGLE STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCU04B1R
SOP
M74HCU04M1R
M74HCU04RM13TR
TSSOP
M74HCU04TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCU04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCU04 STMICROELECTRONICS-M74HCU04 Datasheet
232Kb / 8P
HEX INVERTER SINGLE STAGE
27-Jun-2004
M74HCU04B1R STMICROELECTRONICS-M74HCU04B1R Datasheet
232Kb / 8P
HEX INVERTER SINGLE STAGE
27-Jun-2004
M74HCU04C1R STMICROELECTRONICS-M74HCU04C1R Datasheet
232Kb / 8P
HEX INVERTER SINGLE STAGE
27-Jun-2004
M74HCU04M1R STMICROELECTRONICS-M74HCU04M1R Datasheet
232Kb / 8P
HEX INVERTER SINGLE STAGE
27-Jun-2004
More results

Similar Description - M74HCU04

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6885 NTE-NTE6885 Datasheet
32Kb / 4P
Integrated Circuit Hex 3-State Buffer/Inverter
logo
STMicroelectronics
74VHCU04 STMICROELECTRONICS-74VHCU04 Datasheet
214Kb / 11P
HEX INVERTER SINGLE STAGE
12-Nov-2004
M54HCU04 STMICROELECTRONICS-M54HCU04 Datasheet
232Kb / 8P
HEX INVERTER SINGLE STAGE
27-Jun-2004
logo
Fairchild Semiconductor
74F366 FAIRCHILD-74F366 Datasheet
51Kb / 5P
Hex Inverter Buffer with 3-STATE Outputs
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
Hex Inverter Buffer with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
Hex Inverter Buffer with 3-State Output
logo
STMicroelectronics
M54HCU04 STMICROELECTRONICS-M54HCU04 Datasheet
164Kb / 8P
RAD HARD HEX INVERTER (SINGLE STATE)
27-Jun-2004
logo
Renesas Technology Corp
HD74AC366 RENESAS-HD74AC366 Datasheet
194Kb / 6P
Hex Inverter Buffer with 3-State Output
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
Hex Inverter Buffer with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com