Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTC1020 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # LDTC1020
Description  Deployable Scintillometer for Ocean Turbulence Using Superluminescent LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDTC1020 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  LDTC1020 Datasheet HTML 1Page - Wavelength Electronics, Inc. LDTC1020 Datasheet HTML 2Page - Wavelength Electronics, Inc. LDTC1020 Datasheet HTML 3Page - Wavelength Electronics, Inc. LDTC1020 Datasheet HTML 4Page - Wavelength Electronics, Inc. LDTC1020 Datasheet HTML 5Page - Wavelength Electronics, Inc. LDTC1020 Datasheet HTML 6Page - Wavelength Electronics, Inc. LDTC1020 Datasheet HTML 7Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Case Study CS-LDTC11 Rev. A
Page 4
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 5. Camera imagery, large-aperture integrated camera signals (red), and small-aperture integrated camera signals
(green) are shown for four propagation cases: in air (batch 1, 0-m depth, upper-left panel), deeper ocean (batch 5, 179.0-m
depth, upper-right panel), moderate ocean (batch 17, 62.0-m depth, lower-left panel), and shallower ocean (batch 23,
16.1-m depth, lower-right). The camera images provide the median frame from each batch for visual comparison. Plots of
integrated camera signal vs. frame number facilitate test-case comparisons of frame-to-frame similarity.1
Supporting sensors also measured temperature, beam
attenuation, backscattering, and temperature gradient
in
Figure 6. The thermocline region shows a significant
change in ocean temperature and gradient which is
related to the refractive index structure and inner scale of
turbulence. In this region, the effect on beam propagation is
clear. The beam attenuation and backscattering are both at
extreme maximums, diminishing the resolution of imaging
in the thermocline region.
When temperature and temperature gradient have minimal
changes, the beam attenuation and backscattering also
decrease. The thermocline upper and lower limits are
seen at 15 m and 70 m, respectively, highlighted in yellow.
The pronounced attenuation and scattering in plots result
from biological matter and particulates residing within the
thermocline.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com