Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC10 LAB Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  TC10 LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LDTC16 Rev. A
Ultra-Sensitive CO-LITES
Detection at the Parts per
Quadrillion Level
June, 2025
Page 1
ABSTRACT
Researchers from Harbin Institute of Technology, China have developed a gas sensor for carbon
monoxide (CO) using light-induced thermoelastic spectroscopy (LITES). The ultra-sensitive design
enables CO detection in the parts per quadrillion (ppq) range using a multi-pass cell with a double helix
pattern generated using an artificial fish swarm algorithm as well as a polymer-modified round-head quartz
tuning fork with a low resonant frequency. The system achieves CO detection at concentrations as low as
23 parts per trillion (ppt) and 920.7 ppq by extending the integration time of the sensor. With a compact
design, high signal-to-noise ratio, and a long gas absorption path the CO-LITES sensor provides a new
standard in gas detection sensitivity for applications including semiconductor manufacturing, hydrogen
fuel cells, planetary exploration, and other fields needing highly sensitive trace gas detection.
SENSITIVE GAS DETECTION
The ability to detect trace gases in industrial, environmental,
energy, and scientific research applications can help avoid
major consequences that these low concentrations of gases
can cause. A highly sensitive technology can help advance
semiconductor manufacturing, energy innovation, and
interplanetary exploration. When producing semiconductor
chips, even trace impurities within the electron gases can
negatively impact the yield and reliability. When dealing
with energy innovation, trace carbon monoxide (CO) by-
products of fuel cells can degrade the performance of the
fuel cell or cause failure. Interplanetary exploration requires
sensitive sensors in the search for life and understanding
planetary atmospheres and the gases they hold.1 Whether
it's energy efficiency, manufacturing, or exploration, trace
gases in the parts per trillion (ppt) or even in the parts per
quadrillion (ppq) could have a significant impact on safety,
performance, health, or the environment.
For highly sensitive measurements and detection, laser
absorption spectroscopy (LAS) has gained traction among
many researchers. LAS uses lasers tuned to specific gas
absorption lines to detect a particular gas and to quantify
the concentration of the trace gas. Because of its rapid
response and high sensitivity, further developments have
produced quartz-enhanced photoacoustic spectroscopy
(QEPAS), advantageous due to its small size, low cost,
and high Q factor. Using LAS, or some form of LAS, can
provide ultra-high sensitivity gas detection for a variety of
applications in the manufacturing, energy, and exploration
fields.
PROBLEMS AND GOALS
Although QEPAS has significant advantages compared to
other non-laser absorption techniques, there is a notable
drawback of its design that can become problematic. In
the QEPAS design, a quartz tuning fork (QTF) must be
used to detect changes from the laser passing through the
gas environment, detecting thermal or acoustic signals.
When the QTF is submerged in acidic or corrosive gases,
the QTF's surface can become damaged, affecting the
sensitivity and properties of the QTF.
Another issue of the design of QEPAS is the short
absorption path restricting further advancement of detection
capabilities. As the Beer-Lambert Law dictates, a longer
path length of the light from the laser corresponds to a
stronger absorption of that light from the gas through which
it passes. If the gas absorption path is increased, the
detection capability of the system can be improved. This
is harder to achieve with the shorter path length design
of QEPAS, and the exposed QTF makes the technique
restrictive in its range of applications.
To solve these issues, light-induced thermoelastic
spectroscopy (LITES) can invert gas information from
thermoelectric signals from the QTF which can change
depending on the stimulation of the laser light and how
much is absorbed after passing through the sample gas.
This provides a non-contact method for sensitive gas
detection. However, the typical two-mirror multi-pass cell
(MPC) used with LITES to increase the effective optical
path length can be limited in precision. Three-mirror MPCs
can be used but may have complex optical structures to
fully unlock the potential for ultra-sensitive gas sensors.


Similar Part No. - TC10 LAB

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
More results

Similar Description - TC10 LAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM2110 ETC-SSM2110 Datasheet
435Kb / 6P
AUDIO LEVEL DETECTION SYSTEM
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
logo
EPCOS
B59020E1160A041 EPCOS-B59020E1160A041 Datasheet
53Kb / 3P
Liquid level detection
logo
Sensortechnics GmbH
CLD SENSORTECHNICS-CLD Datasheet
58Kb / 3P
Continuous Level Detection Sensors
logo
List of Unclassifed Man...
RB2015 ETC2-RB2015 Datasheet
244Kb / 2P
It denotes the values at the maximum energy absorption per one cycle.
logo
Winchester Electronics ...
060-500-0859S WINCHESTER-060-500-0859S Datasheet
61Kb / 1P
ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
logo
ZETTLER Electronics
AZ921 ZETTLER-AZ921 Datasheet
509Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
Silicon Laboratories
SI598 SILABS-SI598 Datasheet
234Kb / 28P
Programmable with 28 parts per trillion frequency resolution
logo
American Zettler, Inc.
AZ921 AZETTLER-AZ921 Datasheet
1Mb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com