Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDS3120005 Datasheet(PDF) 8 Page - Clarke International

Part # LDS3120005
Description  SUBMERSIBLE WATER PUMPS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

LDS3120005 Datasheet(HTML) 8 Page - Clarke International

Back Button LDS3120005 Datasheet HTML 4Page - Clarke International LDS3120005 Datasheet HTML 5Page - Clarke International LDS3120005 Datasheet HTML 6Page - Clarke International LDS3120005 Datasheet HTML 7Page - Clarke International LDS3120005 Datasheet HTML 8Page - Clarke International LDS3120005 Datasheet HTML 9Page - Clarke International LDS3120005 Datasheet HTML 10Page - Clarke International LDS3120005 Datasheet HTML 11Page - Clarke International LDS3120005 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
TROUBLESHOOTING
PROBLEM
SOLUTION
PUMP WILL
NOT START
1.
Check to ensure power is switched on.
2.
Check fuse (consult an electrician if in doubt).
3. If extension lead is fitted, check connections (consult an
electrician if in doubt).
4. Internal thermal cut-out has not re-set. Leave for 5
minutes and try again.
5. The impeller may be jammed. Disconnect from the mains
supply, remove the bottom strainer and remove any
objects that may be obstructing the impeller. Replace
the strainer and try again.
6. If the pump still fails to start consult your CLARKE dealer for
advice.
7. Floatswitch may be jammed against side wall or
prevented from moving.
8. Water level too low - float switch in OFF position - lift float
to check switch.
PUMP WILL
START BUT NOT
PUMP
1.
Check to ensure strainer is not blocked.
2. Discharge tube clogged or obstructed.
3. The head may be too great, i.e. you are trying to lift the
water too great a distance for the pump to cope with.
(See specifications on page 2).
4. Air bubble in the pump, produced during the plunge.
Plunge the pump again at an angle and shake it whilst
lowering to remove any air trapped in the system.
5. Impeller may be damaged - Consult your CLARKE dealer.
PUMP WILL
NOT STOP
1.
Float switch may be prevented from moving to the fully
down position.
2.
Float switch may be faulty. Consult your CLARKE dealer
for advice.
PUMP STOPS
RUNNING
1.
Thermal overload has operated. If this condition persists,
investigate the cause. Are you attempting to pump liquid
which is too heavy for the pump (mud, slurry etc.)
2. Pump has run dry or float switch has cut in.
3. A foreign object has jammed the impeller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com