Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP-102C Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # MP-102C
Description  LED unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

MP-102C Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  MP-102C Datasheet HTML 1Page - PATLITE CORPORATION. MP-102C Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
Upright
Environmental
Condition
Conformity Standards
Remarks
Model
3 tiers
2 tiers
1 tier
UL Registered Model
Vibration Resistance
without breaking insulation
Rated Voltage
Operating Voltage Range
Signal Wire Current
Luminous Intensity
Mass (Tolerance ±10%)
Conditions of UL acceptability:
RoHS Directive (EN IEC 63000)
Red:500mcd  Amber:650mcd  Green:1600mcd
MP-102C:0.24kg  MP-202C:0.26kg  MP-302C:0.28kg
・
Use Class 2 power supply.
EMC Directive (EN 61000-6-4, EN 61000-6-2)
UL Recognized Component (File No.E215660)
JIS C 60068-2-6
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
IP65 (IEC 60529)
Red:32.2mA  Amber:32.2mA  Green:21.4mA
Operating Ambient Temperature
-20℃ to +60℃
Operating Ambient Humidity
Less than 90% (No condensation)
Mounting Direction
Indoors
Upright
Protection Rating
Mounting Location
24V DC (Non-polar)
Rated Voltage ±10%
Per Unit
Red:28.6mA  Amber:28.6mA  Green:17.1mA
Per Unit
Typ.
MP-302C-W18
Max.
MP-102C
MP-_02C
MP-302C
MP-202C
Page
SPECIFICATIONS
Drawing No.
Rev.
・
XS2F-D421-□80-F (OMRON)
Recommended cable:
D
Total amplitude 0.3mm p-p (10 to 57.5Hz) , Acceleration 19.6 m/s2 (57.5 to 150Hz)
Withstand Voltage
500VAC applied for 1min between live part and non-current carrying metallic part
Conforms to the CE Requirements
Conforms to the UKCA Requirements
・
For use on a flat surface of a Type 1 Enclosure
1/2


Similar Part No. - MP-102C

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
MP-102 PATLITE-MP-102 Datasheet
318Kb / 2P
LED unit
Rev. H
MP-102-RYGBC PATLITE-MP-102-RYGBC Datasheet
318Kb / 2P
LED unit
Rev. H
More results

Similar Description - MP-102C

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
LED CONVERTER UNIT
logo
Marl International Limi...
084-501-22 MARL-084-501-22_13 Datasheet
289Kb / 4P
LED Bulkhead Unit
084-501-22 MARL-084-501-22_15 Datasheet
289Kb / 4P
LED Bulkhead Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com