Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR4-102PJBW Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # LR4-102PJBW
Description  Signal Tower
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR4-102PJBW Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  LR4-102PJBW Datasheet HTML 1Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 2Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 3Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 4Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 5Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 6Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 7Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 8Page - PATLITE CORPORATION. LR4-102PJBW Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LR5-BW,BU,BK
LR6-E-R,Y,G,B,C,RZ,YZ,GZ,BZ,MZ
LR6-BW,BU
LR7-E-R,Y,G,B,C
LR7-BW,BU,BK
LR5
LR6
LR7
Compatible Unit
(Optional)
LED Unit Model
LR4-E-R,Y,G,B,C,RZ,YZ,GZ,BZ
LR5-E-R,Y,G,B,C,RZ,YZ,GZ,BZ
0.10kg + (0.04kg)×Tiers + [0.05kg]
0.10kg
Depending on DIP Switch Settings
 
Refer to the 6.Buzzer Pattern Set-up
Setting
Sound Pressure Level
Typ.85dB
Typ.85dB
0.5kg + (0.06kg)×Tiers + [0.06kg]
0.64kg + (0.06kg)×Tires + [0.06kg]
0.4kg + (0.06kg)×Tiers + [0.06kg]
0.53kg + (0.06kg)×Tires + [0.06kg]
Black
Off-white
Silver
Silver
Page
Drawing No.
Rev.
LR-502-W18
I
0.51kg + (0.035kg)×Tires + [0.035kg]
0.42kg + (0.035kg)×Tiers + [0.035kg]
0.2kg + (0.04kg)×Tiers + [0.05kg]
0.49kg + (0.04kg)×Tiers + [0.05kg]
0.38kg + (0.04kg)×Tiers + [0.05kg]
0.10kg
0.22kg + (0.06kg)×Tiers + [0.06kg]
0.35kg + (0.06kg)×Tires + [0.06kg]
Off-white
Off-white
Silver
Black
Silver
Off-white
Silver
Off-white
Off-white
Silver
Black
Off-white
Silver
Black
Off-white
Silver
Off-white
Off-white
Off-white
Off-white
Off-white
WJ
WT
KT
LR7
Body Color
Off-white
Silver
Off-white
Silver
Off-white
No.3
No.4
Sweep sound / 1000Hz-4032Hz
KT
LR5
WJ
LJ
PJ
QJ
LR6
Typ.88dB
Typ.90dB
Sound Reduction Approx. -10dB
Depending on DIP Switch Settings
Refer to the 6.Buzzer Pattern Set-up
LR4
Buzzer Unit Model
LR4-BW,BU
LR4
LR5
LR6
Buzzer sound No.4 was measured from the total circumfrence of the Buzzer Unit at 1m
LR7
Environmental Condition
PJ
QJ
PJ
LJ
WJ
WT
WJ
LJ
LR4
Mass
(Tolerance ±10%)
(LED Unit) + [Buzzer Unit]
0.17kg + (0.035kg)×Tiers + [0.035kg]
0.32kg + (0.035kg)×Tires + [0.035kg]
0.46kg + (0.035kg)×Tiers + [0.035kg]
0.61kg + (0.035kg)×Tires + [0.035kg]
0.36kg + (0.035kg)×Tiers + [0.035kg]
Rapid Hi-Lo / 2016Hz&3012Hz
Continuous beep sound / 3378Hz
Rapid intermittent beep / 3378Hz
Buzzer Sound
/Typical Frequency
0.46kg + (0.06kg)×Tiers + [0.06kg]
0.24kg + (0.065kg)×Tiers + [0.07kg]
0.15kg
0.15kg
No.1
No.2
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com