Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHB Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # NHB
Description  Network Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHB Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  NHB Datasheet HTML 1Page - PATLITE CORPORATION. NHB Datasheet HTML 2Page - PATLITE CORPORATION. NHB Datasheet HTML 3Page - PATLITE CORPORATION. NHB Datasheet HTML 4Page - PATLITE CORPORATION. NHB Datasheet HTML 5Page - PATLITE CORPORATION. NHB Datasheet HTML 6Page - PATLITE CORPORATION. NHB Datasheet HTML 7Page - PATLITE CORPORATION. NHB Datasheet HTML 8Page - PATLITE CORPORATION. NHB Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Signal Tower
Buzzer
Email Notification
SNMP Notification
PLC Information Write Command
4
Protocol
SLMP (The same format as the QnA compatible 3E and 4E frame of MC protocol)
FINS
TCP / UDP
"Clear"Button
Clear operation is possible with "Clear" Button of the main unit
Socket Communication
Controllable with PNS Command and PHN Command
SNMP Command
Controllable with SNMP "set" Command
Version
v1 / v2c / v3
RSH Command
Controllable with RSH Command
SSH Command
Controllable with SSH Command
HTTP Command
Controllable with HTTP Command
Protocol
HTTP, HTTPS
Authentication protocol
Basic Access Authentication, Digest Access Authentication, none
4. Function Specification
4.1. Main Unit Control Function
Method
GET
When ”Clear operation" occurs, PLC Write Command can be executed.
Number of notifications
Version
v1 / v2c / v3
HTTP Notification
When an event occurs, HTTP command is executed.
Number of notifications
8
Authentication protocol
SMTP certification(Password, OAuth2), POP authentication
Security
SSL/TLS, STARTTLS, none
When an event occurs, Trap or Inform is executed.
Number of notifications
8
3.2. Information (Network)
When an event occurs, an e-mail message is transmitted
Number of notifications
8
Buzzer pattern 3
ON(200ms), OFF(50ms), ON(200ms), OFF(550ms) (repetition)
Buzzer pattern 4
ON(continuity)
Buzzer pattern 5
ON(1000ms), OFF(1000ms) (repetition)
Flashing pattern 4
ON(1000ms), OFF(1000ms) (repetition)
5 kinds of buzzer sounds
Buzzer pattern 1
ON(250ms), OFF(250ms) (repetition)
Buzzer pattern 2
ON(500ms), OFF(500ms)
(repetition)
3. Action Specification
3.1. Information (Main Unit)
Lighting, Flashing pattern, and off lighting can be controlled for each LED.
Flashing pattern 1
ON(500ms), OFF(500ms)
(repetition)
Flashing pattern 2
ON(80ms), OFF(170ms), ON(80ms), OFF(670ms) (repetition)
Flashing pattern 3
ON(250ms), OFF(250ms) (repetition)
Drawing No.
Rev.
Page
NHB6-3-W18
F
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com