Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHB4-1-R Datasheet(PDF) 6 Page - PATLITE CORPORATION.

Part # NHB4-1-R
Description  Network Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHB4-1-R Datasheet(HTML) 6 Page - PATLITE CORPORATION.

Back Button NHB4-1-R Datasheet HTML 2Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 3Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 4Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 5Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 6Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 7Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 8Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 9Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 10Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4.3. Main Unit Status Acquisition Function
*1
Signal Tower "Red", "Amber" and "Green", and Flashing pattern 1
*2
Buzzer pattern 1 and Buzzer pattern 2
*1 Light reduction is not possible when using LR4/6-E-MZ or WDT-4/6LR-Z2.
*2 Google Chrome is a trademark or registered trademark of Google LLC.
*3 Microsoft Edge is registered trademark of Microsoft Corporation in the United States and other countries.
Drawing No.
Rev.
Page
NHB6-3-W18
F
RSH Command
The state of the main body can be acquired by the status acquisition command.
SSH Command
The state of the main body can be acquired by the status acquisition command.
Socket Communication
Status acquisition available with PNS Command and PHN Command
SNMP Command
Status acquisition available with SNMP "get" Command
Version
v1 / v2c / v3
HTTP Communication
The state of the main body can be acquired in XML/JSON data format.
Acquisition data
Command
Signal Tower
Buzzer
RSH Command
SSH Command
Socket
PNS
PHN
✓*1
✓*2
Automatic Network Setting
SNMP Command
XML/JSON format file
Self test of Signal Tower and buzzer is possible
Self-test Function
4.4 Main Unit Setting Function
The internal clock in this product can communicate with an NTP server
to automatically set.
Buzzer Volume Setting
Master Volume of Buzzer can be set
to automatically correct the time.
Time Correction Function
Network setting in this product can communicate with an DHCP server
USB Flash Drive Function
USB flash drive can be used to read and written configuration files,
update firmware, and download Event logs.
Flash Control Setting
The brightness of the LED unit can be reduced.*1
Standard Action Setting
The color of Signal Tower that lights up after the clear operation is executed can be set.
with test button of the main body and RSH/SSH command.
Config Setting
Various settings of the main body can be read and written as setting file.
Languages supported
on the setting screen
Japanese, English, Traditional Chinese, Sinplified Chinese, Korean, Thai
German, French, Italian, Spanish, Mexican
Event Log
Event logs can be downloaded via web browser and USB flash drive.
Main Unit Setting
Various settings of the main body can be done with a web browser.
Supported browsers
Google Chrome *2 Microsoft Edge *3
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com