Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHV4-2DN Datasheet(PDF) 7 Page - PATLITE CORPORATION.

Part # NHV4-2DN
Description  Network Signal Tower with Voice Annunciator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHV4-2DN Datasheet(HTML) 7 Page - PATLITE CORPORATION.

Back Button NHV4-2DN Datasheet HTML 3Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 4Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 5Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 6Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 7Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 8Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 9Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 10Page - PATLITE CORPORATION. NHV4-2DN Datasheet HTML 11Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
4.3. Main Unit Status Acquisition Function
*1 Signal Tower "Red", "Amber" and "Green", and Flashing pattern 1
*2 Buzzer pattern 1 and Buzzer pattern 2
-
✓
✓
✓
✓
✓
✓
✓
✓
-
✓
-
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
-
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
-
✓
✓
✓
✓
✓
-
PLC Information Read Command
PLC Information Read Command
Detects the state change of the device information of the PLC
Number of Monitoring
16
Transmission Interval
Signal Sound Buzzer Digi-Out
Detecting the input for a certain period of time
Detection time : 1 - 3600 seconds
Number of Detection : 4
HTTP MQTT
Protocol
SLMP (The same format as the QnA compatible 3E and 4E frame of MC protocol)
FINS
TCP / UDP
e-mail SNMP
PLC Information Write Command
Monitoring
External Contact Input
Digital Logic Setting
A Contact, B Contact
Detection method
Status Change Detection, Status Agreement Detection
Excutable action at detection
10ms / 50ms / 100ms
Status Change
Detection of change from OFF to ON or change from ON to OFF
Status Agreement
Ping Monitoring
✓
✓
✓
SNMP Trap Reception
✓
✓
✓
SNMP Supported
Mail Detection *1
Monitor Function
It monitors the state change of external contact input.
External Contact Input
XML/JSON format file
✓
✓
✓
✓
✓
SNMP Command
✓
✓
✓
✓
✓
-
PHN
✓
*1
-
✓
*2
-
-
Socket
PNS
✓
-
✓
-
SSH Command
✓
✓
✓
✓
✓
RSH Command
✓
✓
✓
✓
✓
HTTP Communication
The state of the main body can be acquired in XML/JSON data format.
Acquisition data
Command
Signal Tower
Sound
Buzzer
Digi-In
Digi-Out
The state of the main body can be acquired by the status acquisition command.
Socket Communication
Status acquisition available with PNS Command and PHN Command
SNMP Command
Status acquisition available with SNMP "get" Command
RSH Command
Version
v1 / v2c / v3
Drawing No.
Rev.
Page
H
The state of the main body can be acquired by the status acquisition command.
SSH Command
7/11
NHV6-3-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com