Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7KA8D2AFDCAB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R7KA8D2AFDCAB
Description  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 14Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 15Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 16Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 292 page
background image
1.5
Pin Functions
Table 1.15
Pin functions (1 of 7)
Function
Signal
I/O
Description
Power supply
VCC_01 to VCC_10,
VCC2_11 to VCC2_15
Input
Power supply pin. Connect it to the system power supply. Connect this pin to the
same numbered VSS_01 to VSS_15 by a 0.1-µF capacitor. The capacitor should
be placed close to the pin.
In the SiP product, connect VCC2_11 to VCC2_15 to the 1.8V system power
supply.
VCC2_16 to
VCC2_19
Input
Dedicated power supply pin for the SiP product. Connect it to the 1.8V system
power supply. Connect this pin to the same numbered VSS_16 to VSS_19 by a
0.1-µF capacitor. The capacitor should be placed close to the pin.
VCC_DCDC
Input
Switching regulator power supply pin.
VLO
I/O
Switching regulator pin.
VCL0 to VCL11
Input
Connect this pin to the same numbered VSS0 to VSS11 pin by the smoothing
capacitor used to stabilize the internal power supply.
Place the capacitor close to the pin.
VBATT
Input
Battery Backup power pin
VSS_01 to VSS_15,
VSS0 to VSS11,
VSS_DCDC
Input
Ground pin. Connect it to the system power supply (0 V).
VSS_16 to VSS_19,
VSS
Input
Dedicated ground pin for the SiP product. Connect it to the system power supply (0
V).
Vpp
Input
Power supply pin for serial Flash programming operation. See the ISSI serial Flash
IS25WX064 datasheet for the details. If not used, the Vpp pin can be floated. Note
that the deep power down current varies depending on the power supply status of
the Vpp pin.
Clock
XTAL
Output Pins for a crystal resonator. An external clock signal can be input through the
EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator between
XCOUT and XCIN.
XCOUT
Output
EXCIN
Input
External sub-clock input
CLKOUT
Output Clock output pin
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal level on this pin must not be
changed during operation mode transition on release from the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal goes low.
PUP
Input
Connect to VCC2 through a resistor.
CAC
CACREF
Input
Measurement reference clock input pin
On-chip emulator
TMS
Input
On-chip emulator or boundary scan pins
TDI
Input
TCK
Input
TDO
Output
TCLK
Output Output clock for synchronization with the trace data
TDATA0 to TDATA3
Output Trace data output
SWO
Output Serial wire trace output pin
SWDIO
I/O
Serial wire debug data input/output pin
SWCLK
Input
Serial wire clock pin
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 13 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com