Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT1003 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMMT1003
Description  Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 2 GHz to 4 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMT1003 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMMT1003 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMT1003 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMT1003 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMMT1003 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMMT1003 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMMT1003 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Voltage Output Vs. Frequency
� 25
>
E
I
�
20
w
l9
�
�
i---
�
<
·�
15
0
>
I- 10
::,
POWER IN= -20 dBm
RL=20 Kn
BIAS=l0O MICROAMPS
n..I-
::,
0
5
TYPICAL OPEN CIRCUIT VOLTAGE SENSITIVITY, SWEPT RESPONSE
I
I
I
I
I
I
I
I
2
4
6
8
10
12
14
16
18
FREQUENCY (GHz)
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 4 of 6
FMMT1003
DATA SHEET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com