Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLDSERIES Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # PLDSERIES
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLDSERIES Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  PLDSERIES Datasheet HTML 1Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 2Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 3Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 4Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 5Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 6Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 7Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 8Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2020
www.teamWavelength.com
3
PLD SERIES LASER DIODE DRIVER
QUICK CONNECT GUIDE, CONTINUED
CONSTANT CURRENT TEST LOAD
We recommend using a test load to configure the PLD;
refer to
Figure 4. When using the test load, the actual drive
current can be determined by measuring the voltage drop
across the resistor. Do not place an ammeter in series with
the load circuit.
Figure 4. Constant Current Mode Laser Test Loads
1.0 , 2 W
1N4001 (2x)
1.3 - 2.0 V Compliance, Current to 1 A
1.5 - 2.0 V Compliance, Current to 5 A
1.5 - 2.5 V Compliance, Current to 15 A
Components must be heat-sinked
0.1 , 5 W
80SQ030 (3x)
0.05 , 100 W
STPS20M100ST (2x)
12
12
12
13
13
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com