Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCL-LAB Datasheet(PDF) 23 Page - Wavelength Electronics, Inc.

Part # QCL-LAB
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB Datasheet(HTML) 23 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 23Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 24Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
CE DECLARATION OF CONFORMITY
CONFORMING PRODUCTS
MODEL NUMBER
PRODUCT
QCL500 LAB
500 mA QCL Driver Laboratory Instrument
QCL1000 LAB
1000 mA QCL Driver Laboratory Instrument
QCL1500 LAB
1500 mA QCL Driver Laboratory Instrument
QCL2000 LAB
2000 mA QCL Driver Laboratory Instrument
DECLARATION
The undersigned hereby declares, on behalf of Wavelength Electronics, Inc. (Wavelength) of Bozeman, Montana, that the
products listed in the table above, to which this Declaration applies, are in conformity with the provisions of:
APPLICABLE REGULATIONS
• European Council Directive 2014/30/EC (26 February, 2014) on Electromagnetic Compatibility, tested to:
»
IEC 61000-3-2 and IEC 61000-3-3
»
IEC 61000-4-2, IEC 61000-4-3, IEC 61000-4-4, IEC 61000-4-5, IEC 61000-4-6, and IEC 61000-4-8
• European Council Directive 2014/35/EC (26 February, 2014) on Low-Voltage Equipment Safety, tested to:
»
IEC 61010-1
• European Council Directive 2015/863EU to amend Annex II to EU RoHS 2 (Directive 2011/65/EU) on Restriction of the
use of certain hazardous substances in electrical and electronic equipment (recast) and the consolidated version of 24
June 2015
• Commission Delegated Directive (EU) 2016/585 of 12 February 2016 amending Annex IV to Directive 2011/65/EU
TECHNICAL FILE
The Technical Construction Files for the listed products, as required by this Declaration, are maintained at Wavelength
corporate headquarters: 51 Evergreen Drive, Bozeman, Montana.
8-Jul-16
Mary Johnson, CEO
Date



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com