Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCL-LAB079 Datasheet(PDF) 12 Page - Wavelength Electronics, Inc.

Part # QCL-LAB079
Description  Low-Noise QCL Driver — Laboratory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB079 Datasheet(HTML) 12 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB079 Datasheet HTML 8Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 9Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 10Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 11Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 12Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 13Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 14Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 15Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 16Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
SET UP INTERLOCKS
The Wavelength Interlock Replacement Kit includes a male
D-SUB with the passive interlock pins shorted and a BNC
terminator.
1. For the passive interlock, on the back panel, short PIN 1
and PIN 2 on the QCL D-SUB.
2. For the active interlock, on the back panel, insert a BNC
terminator in the ACTIVE LOCK BNC port.
3. On the front panel, the key switch must be on UNLOCK to
enable the current to the QCL.
NOTE: To disable operation, turn the key switch to the
LOCKED position. The key can only be removed when in the
locked position.
FRONT PANEL
QCL1000
LAB
ENABLE
DATA
POWER
1
5
3
2
4
Figure 14.
Front Panel
Table 4.
Table 5.
Front Panel Functions
NAME
DESCRIPTION
1
Power Button
Powers the application electronics. Glows blue when application electronics power is on and unit
is operational, slow pulses blue when on Standby and only the back panel power switch is on.
2
Adjustment Knob
Turn to adjust the numeric values. Instrument beeps when values are set.
3
Enable Button
Allows instrument to deliver current to the QCL. Glows blue when current is enabled.
4
Keylock Switch
UNLOCK allows laser output current to flow, LOCK disables laser output current. NOTE: The
key can be removed only in LOCK position.
5
Data Port
USB flash drive, used to update the firmware or save data. This is not used for remote USB
control of the instrument.
TEXT AND ICON COLOR KEY
TEXT
Text indicates current state.
White, Green Uneditable field, for information only.
Blue
Editable field, touch to select or toggle field
(text highlights and changes color), adjust
using either the touchscreen or adjustment
knob. Instrument beeps and text returns to
blue when values are set. Touch again to
cancel selection.
ICONS
Icon color indicates current state.
Blue
Screen is active.
Grey Screen is inactive, touch icon to access that screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com