Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8EK900 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M8EK900
Description  M8 FLASHPSD System Development Tools
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M8EK900 Datasheet(HTML) 2 Page - STMicroelectronics

  M8EK900 Datasheet HTML 1Page - STMicroelectronics M8EK900 Datasheet HTML 2Page - STMicroelectronics M8EK900 Datasheet HTML 3Page - STMicroelectronics M8EK900 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M8EK900, M8DKPRO, M8DKFL
2/4
Table 2. Ordering Information Scheme
Part Number
Item Name
Mains
Power
FLASH+PSD
Package
Description
M8EK900-KI110
FLASH+PSD/80C32
Evaluation and JTAG ISP
Kit
110 V
PLCC52
8-bit FLASH+PSD/80C32 MCU
Evaluation Board for the M88 and M89
families, FlashLINK JTAG Programmer,
JTAG Loop-back cable, UART cable,
Power supply, PSDsoft development
software for the M88 family, MCU and
FLASH+PSD sample
M8EK900-KI220
220 V
PLCC52
M8DKPRO-K52-110
PSDpro Insertion
Programmer Kit
110 V
PLCC52
PSDpro Parallel Programmer, FlashLINK
JTAG serial programmer, JTAG Loop-
back cable, Parallel Cable, Power
Supply, M8 Family Adapter, Device
Package Adapter, PSDsoft development
software for the M88 family
M8DKPRO-T52-110
110 V
PQFP52
M8DKPRO-K52-220
220 V
PLCC52
M8DKPRO-T52-220
220 V
PQFP52
M8DKFL-101
FlashLINK JTAG ISP Kit
—
—
JTAG ISP Programmer with PSDsoft
development software
SOFTWARE TOOLS
M8 PSDsoft
M8 PSDsoft (for the M88 family) is user-friendly
evaluation,
development
and
programming
software. It uses a point-and-click graphical user
interface that leads the designer, in a logical step-
by-step procedure, to configure, design, compile
and program the FLASH+PSD. The software has
a built-in on-line help feature, and all relevant
manuals are included on the CD.
This software takes the user sequentially through
the following key steps:
s
Logic design entry (CPLD)
s
FLASH+PSD Device configuration
s
Logic synthesis and fitting
s
MCU code mapping
s
FLASH+PSD Programming Code, for:
– FlashLINK JTAG ISP, or
– PSDpro insertion programmer
PSDsoft
Express
PSDsoft
Express (for the “easy-to-design-in” M89
family) is user-friendly, point-and-click,
menu-
driven, evaluation, development and programming
software. It can be downloaded, at no charge, from
the ST web site, after registration. Included in the
software is a wizard that guides the designer. The
system
designer
does
not
need
to
have
exhaustive knowledge of PLDs or a PLD design
language (such as ABEL). The software steps the
designer
through
seven
key
steps
from
configuration of the FLASH+PSD to programming
the code and firmware.
ORDERING INFORMATION SCHEME
The notation used for the device number is as
shown in Table 2. For a list of available options, or
for further information on any aspect of this device,
please consult our pages on the world wide web:
www.st.com/flashpsd
or contact your nearest ST Sales Office.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com