Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT-DASPA2-13 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GT-DASPA2-13
Description  OSCONIQ® P 2226
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GT-DASPA2-13 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GT-DASPA2-13 Datasheet HTML 2Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 3Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 4Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 5Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 6Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 7Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 8Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 9Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GT DASPA2.13
DATASHEET
DATASHEET
6 | Version 1.26 | 2022-05-31
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 100 mA
I
F = 100 mA
min.
max.
Φ
V
Φ
V
HQ
30 lm
33 lm
HR
33 lm
36 lm
HS
36 lm
39 lm
HT
39 lm
42 lm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 100 mA
I
F = 100 mA
min.
max.
V
F
V
F
J
2.40 V
2.60 V
K
2.60 V
2.80 V
L
2.80 V
3.00 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 100 mA
I
F = 100 mA
min.
max.
λ
dom
λ
dom
3
519 nm
525 nm
4
525 nm
531 nm
5
531 nm
537 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com