Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW-CSSRM1-CC Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # GW-CSSRM1-CC
Description  OSLON® Square
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-CC Datasheet(HTML) 4 Page - ams-OSRAM AG

  GW-CSSRM1-CC Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
Characteristics (TJ = 85 °C; IF = 700 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
2.70
2.80
3.20
V
V
V
Color rendering index
Farbwiedergabe Index
(2700K - 6500K)
(typ.)
(min.)
Ra
R
a
92
90
-
-
"Electrical" thermal resistance junction / solder point
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
(with efficiency ηe = 29 %)
(typ.)
Rth JS el
2.1
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
2018-05-10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com