Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10DMGCJFB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F10DMGCJFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGCJFB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F10DMGCJFB Datasheet HTML 10Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 11Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 12Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 13Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 14Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 15Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 16Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 17Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 139 page
background image
RL78/D1A
1. OUTLINE
R01DS0463EJ0120 Rev. 1.20
Page 14 of 135
Mar 31, 2026
1.6 Block Diagram
1.6.1 48-pin products (R5F10CGB, R5F10CGC, R5F10CGD: with no CAN)
TAU0 (8ch)
TAU1 (8ch)
TAU2 (8ch)
SAU0
VLC0 to VLC2
(Not e)
COM0 to COM3
SEG0 to SEG7, SEG9
SEG14, SEG15
SEG24 to SEG27
SEG29 to SEG35
SEG40 to SEG44
Note: No PAD
LRxD1
LTxD1
SCL11
SDA11
SI01
SO01
SCK01
SI00
SO00
SCK00
TI27
TO27
TI25
TO25
TI23
TO23
TI22
TO22
TI21
TO21
TO21/TI20
TO20
RTC1HZ/TI17
TO17
RTC1HZ/TI16
TO16
TI15
TO15
TI14
TO14
TI13
TO13
TI12
TO12
TI11
TO11
TI10
TO10
RTC1HZ/TI07
TO07
RTC1HZ
FSUB/FIL/TI05
TO05
TI03
TO03
TI01
TO01
TO01/TI00
TO00
LCD
Controller / Driver
UARTF1
SAU1
IIC11
CSI00
CSI01
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
ch 0
ch 1
ch 2
ch 3
ch 4
ch 5
ch 6
ch 7
Code
Flash
Data
Flash
RL78
CPU Core
Clock Control
&
Reset Control
POR/LVD
Low Speed
OCO
15 kHz
Voltage
Regulator
PLL
4 MHz: x6, x8
8 MHz: x3, x4
Main OSC
(2 to 20 MHz)
RAM
INT61
DMA
2 ch
Multiplier &
Divider,
Multiply
Accumulator
BCD
Adjustment
OCD
PORT0
PORT1
PORT2
PORT3
PORT4
PORT5
PORT6
PORT7
PORT8
PORT9
PORT13
PORT12
PCL/BUZ
Interrupt
Control
Window
Watchdog
Timer
CRC
RTC
Interval
timer
10 bit A/D
Converter
Stepper
Motor
Controller/
Driver
Zero Point
Detector
Sound
Generator
REGC
X1
X2/EXCLK
RESET
VDD,
EVDD
VSS,
EVSS
2
P00, P01
5
P10 to P14
5
P20 to P23, P27
3
P30, P31, P33
4
P54 to P57
P40
2
P60, P61
4
P72 to P75
4
P80 to P83
5
P90 to P94
2
P121, P122
P137
PCL
5
INTP1 to INTP5
1
INTPLR1
3
ANI2, ANI3, ANI7
ANI0/AVREF P
ANI1/AVREF M
ADTRG
1
ZPD14
SM11 to SM14
4
SMVDD
SMVSS
SGOA
SGO/SGOF
RTC1HZ
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com