Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1084LMF Datasheet(PDF) 1 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1084LMF
Description  5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1084LMF Datasheet(HTML) 1 Page - Globaltech Semiconductor Co.,Ltd

  GS1084LMF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.gs-power.com
GS1084L
5A Low Dropout Voltage Regulator
Product Description
Features
The GS1084L is a low drop voltage regulator able
to provide up to 5A output current. The dropout
voltage of the device is guaranteed at a maximum
1.5V at the maximum output current, decreasing
at lower loads.
The GS1084L is pin compatible with older
3-terminal adjustable regulators, but has better
performances in term of drop and output
tolerance.
Three Terminal Adjustable or Fixed Output
Voltages 1.5V, 1.8V, 2.5V, 3.3V and 5V
Guaranteed Output Current up to 5A
Typical Dropout 1.3V (at 5A)
Output Tolerance: ±2% at 25ºC
Wind Operating Temperature Range: -40ºC
to 125ºC
Package Available: TO-263, TO-252, and
SOT-223
Applications
Post Regulators for Switching Supply
Battery-Powered Circuitry
Low Voltage Logic Supplies
High efficiency linear regulators
Adjustable power supply
Block Diagram


Similar Part No. - GS1084LMF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CE1.8 VISHAY-GS1084CE1.8 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CE2.5 VISHAY-GS1084CE2.5 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CE3.3 VISHAY-GS1084CE3.3 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
GS1084CM1.8 VISHAY-GS1084CM1.8 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
More results

Similar Description - GS1084LMF

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
List of Unclassifed Man...
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
5A Low dropout voltage regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
5A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com