Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10DMFLFB Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F10DMFLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMFLFB Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F10DMFLFB Datasheet HTML 36Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 37Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 38Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 39Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 40Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 41Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 42Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 43Page - Renesas Technology Corp R5F10DMFLFB Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 139 page
background image
RL78/D1A
2. PIN FUNCTIONS
R01DS0463EJ0120 Rev. 1.20
Page 40 of 135
Mar 31, 2026
Table 2-6. R5F10DSJ, R5F10DSK, R5F10DSL (4/4)
Pin Name
I/O
Function
During
Reset
After
Reset
Alternate Function
P130
O
Port 13. 1-bit output port, 1-bit input port
and 6-bit I/O port.
Input of P135 can be set to schmitt 1
input buffer.
Output of P136 can be set to N-ch open-
drain output.
Input/output of P131 to P136 can be
specified in 1-bit units.
Use of an on-chip pull-up resistor of P131
to P136 can be specified by a software
setting
Output
Low
Output
RESOUT
P131
I/O
HZ
Input
SO10/LTxD1/TI21/TO21
P132
SI10/LRxD1/INTPLR1/TI20/TO20
P133
SCK10/TI22/TO22
P134
SGOA/CTxD1/TI24/TO24
P135
SGO/SGOF/CRxD1/TI26/TO26
P136
Ext.: PD
Int.: HZ
TI00/TO00/SCL11/SEG48
P137
I
HZ
Input
INTP5
P140
I/O
Port 14. 1-bit I/O port.
Input/output can be specified.
Use of an on-chip pull-up resistor can be
specified by a software setting
HZ
Input
TI11/TO11
P150
I/O
Port 15. 3-bit I/O port.
Can be set to analog input Note
Input/output can be specified.
HZ
Analog
Input
ANI8
P151
ANI9
P152
ANI10
Remark Ext. (external reset): POR reset or pin reset, Int. (internal reset): WDT reset or LVD reset,
PD: Pull down, HZ: High impedance
Note Setting digital or analog to each pin can be done in A/D port configuration register (ADPC).
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com