Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWHD-5 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SWHD-5
Description  CBL HDMI SWIVEL CON
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

SWHD-5 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SWHD-5 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
2X HOOD,
BLACK PLASTIC
"P1"
PIN 1
2X HDMI
19 PIN MALE
CONNECTOR
"P2"
PIN 1
90°
90°
UL20276
(4) 30AWG INDIVIDUALLY SHIELDED TWISTED PAIRS,
(1) 30AWG UNSHIELDED TWISTED PAIR,
(5) 30AWG INDIVIDUAL CONDUCTORS,
OVERALL SHIELD: ALUMINUM MYLAR FOIL SHIELD PLUS
COPPER BRAID SHIELD WITH DRAIN WIRE,
OUTER JACKET: PVC, BLACK
WIRE MAP
10
15
19
3
2
9
7
18
3
"P2"
18
10
17
8
16
19
7
9
13
13
12
14
17
11
14
16
6
15
6
2
1
4
5
5
1
8
SHELL
"P1"
SHELL
4
11
DRAIN WIRE
12
NOTES:
1. CABLE IS SHIPPED WITH (2) DUST COVERS INSTALLED (NOT SHOWN).
2. CABLE SHALL BE TESTED FOR CONTINUITY.
3. CABLE SHALL BE PACKAGED PER L-COM PACKAGING SPEC PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
C
PART
NUMBER
LENGTH
MM
INCHES
SWHD-1
1000 +75/-0
39.4 +2.95/-0
SWHD-2
2000 +75/-0
78.7 +2.95/-0
SWHD-3
3000 +75/-0
118.1 +2.95/-0
SWHD-4
4000 +150/-0
157.5 +5.91/-0
SWHD-5
5000 +150/-0
196.8 +5.91/-0
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
SWHD
C
SWHD.SLDDRW
1
1
D. PARHAM
9/21/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P. MCNEIL
9/21/11
9/22/11
A
B
INITIAL RELEASE
ECN 6563: UPDATED TOLERANCE FOR 4M AND 5M. UPDATED CONNECTOR MOLD
12/4/12
D.GRIFFIN
D. DESJARDIN
C
ECN 7303: REMOVED COLORS FROM WIRE MAP, ADDED REGULATORY
2/20/14
D. CASTRO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CBL HDMI SWIVEL CON
AUDIO/VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
9/21/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - SWHD-5

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SWHD-5 L-COM-SWHD-5 Datasheet
75Kb / 1P
CBL HDMI SWIVEL CON
9/21/11
SWHD-5 L-COM-SWHD-5 Datasheet
75Kb / 1P
CBL HDMI SWIVEL CON
9/21/11
More results

Similar Description - SWHD-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3554 NSC-LM3554 Datasheet
154Kb / 4P
Synchronous Boost Con
logo
Glenair, Inc.
189-007NH11S GLENAIR-189-007NH11S Datasheet
214Kb / 2P
Fiber-Con Backshell
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
logo
Tripp Lite. All Rights ...
P142000UD TRIPPLITE-P142000UD Datasheet
490Kb / 2P
HDMI Swivel Adapter (Up - Down) (M-F)
P142-000-UD TRIPPLITE-P142-000-UD Datasheet
158Kb / 2P
HDMI Swivel Adapter (Up / Down) (M/F)
logo
Festo Corporation.
HGDS-PP-12-P-A-B FESTO-HGDS-PP-12-P-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
logo
Linx Technologies
CSJ-SGFB-100-MHF3 LINX-CSJ-SGFB-100-MHF3 Datasheet
86Kb / 1P
CBL ASSEMBLY, MHF3 TO FEM. BLKHD SMA, 0.81mm CBL
logo
SparkFun Electronics
ROB-12509 SPARKFUN-ROB-12509 Datasheet
95Kb / 1P
Swivel Hub
2/4/2016
logo
Festo Corporation.
8058739 FESTO-8058739 Datasheet
67Kb / 1P
Swivel mounting
7/18/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com