Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95010
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010 Datasheet(HTML) 1 Page - STMicroelectronics

  M95010 Datasheet HTML 1Page - STMicroelectronics M95010 Datasheet HTML 2Page - STMicroelectronics M95010 Datasheet HTML 3Page - STMicroelectronics M95010 Datasheet HTML 4Page - STMicroelectronics M95010 Datasheet HTML 5Page - STMicroelectronics M95010 Datasheet HTML 6Page - STMicroelectronics M95010 Datasheet HTML 7Page - STMicroelectronics M95010 Datasheet HTML 8Page - STMicroelectronics M95010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/37
October 2004
M95040
M95020, M95010
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM
With High Speed Clock
FEATURES SUMMARY
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
Single Supply Voltage:
4.5 to 5.5V for M950x0
2.5 to 5.5V for M950x0-W
1.8 to 5.5V for M950x0-R
High Speed
10MHz Clock Rate, 5ms Write Time
Status Register
BYTE and PAGE WRITE (up to 16 Bytes)
Self-Timed Programming Cycle
Adjustable Size Read-Only EEPROM Area
Enhanced ESD Protection
More than 1 Million Erase/Write Cycles
More than 40-Year Data Retention
Table 1. Product List
Figure 1. Packages
Reference
Part Number
M95040
M95040
M95040-W
M95040-R
M95020
M95020
M95020-W
M95020-R
M95010
M95010
M95010-W
M95010-R
SO8 (MN)
150 mil width
PDIP8 (BN)
8
1
TSSOP8 (DW)
169 mil width
8
1


Similar Part No. - M95010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95010 STMICROELECTRONICS-M95010 Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95010 STMICROELECTRONICS-M95010 Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
M95010 STMICROELECTRONICS-M95010 Datasheet
376Kb / 43P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
24-Sep-2009
M95010-R STMICROELECTRONICS-M95010-R Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95010-R STMICROELECTRONICS-M95010-R Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
More results

Similar Description - M95010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
19-Apr-2004
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Oct-2004
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
M95080 STMICROELECTRONICS-M95080 Datasheet
648Kb / 40P
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
07-Oct-2004
M95512-W STMICROELECTRONICS-M95512-W Datasheet
531Kb / 31P
512Kbit Serial SPI Bus EEPROM With High Speed Clock
30-Jun-2005
M95512 STMICROELECTRONICS-M95512 Datasheet
195Kb / 31P
512Kbit Serial SPI Bus EEPROM With High Speed Clock
03-Jan-2005
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com