Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82812PVCAR Datasheet(PDF) 14 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPSM82812PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 17Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
8.4.3 100% Duty-Cycle Operation
The device offers a low input-to-output voltage differential by entering 100% duty cycle mode. When the
minimum off-time of typically 30ns is reached, the TPSM8281x skips switching cycles while approaching 100%
mode. In 100% mode, the high-side MOSFET switch is constantly turned on. This is particularly useful in
battery-powered applications to achieve longest operation time by taking full advantage of the whole battery
voltage range. The minimum input voltage to maintain a minimum output voltage is given by:
VIN (min) = VOUT (min) + IOUT × RDP
(2)
where
• RDP is the resistance from VIN to VOUT, which includes the high-side MOSFET on-resistance and DC
resistance of the inductor
• VOUT (min) is the minimum output voltage the load can accept
8.4.4 Current Limit and Short Circuit Protection
The TPSM8281x is protected against overload and short circuit events. If the inductor current exceeds the
current limit ILIMH, the high-side MOSFET is turned off and the low-side MOSFET is turned on to ramp down
the inductor current. The high-side MOSFET turns on again only if the current in the low-side MOSFET has
decreased below the low-side current limit. Due to internal propagation delays, the actual current can exceed the
static current limit. The dynamic current limit is given as:
(
)
L
peak typ
LIMH
PD
V
I
I
t
L
=
+
×
(3)
where
• ILIMH is the static current limit, as specified in the electrical characteristics
• L is the effective inductance (typically 470nH)
• VL is the voltage across the inductor (VIN - VOUT)
• tPD is the internal propagation delay of typically 50ns
The dynamic peak current is calculated as follows:
(
)
50
IN
OUT
peak typ
LIMH
V
V
I
I
ns
L
-
=
+
×
(4)
The low-side MOSFET also contains a negative current limit to prevent excessive current from flowing back
through the inductor to the input. If the low-side sinking current limit is exceeded, the low-side MOSFET is turned
off. In this scenario, both MOSFETs are off until the start of the next cycle. The negative current limit is only
active in Forced PWM mode.
8.4.5 Soft Start / Tracking (SS/TR)
The internal soft-start circuitry controls the output voltage slope during start-up. This control avoids excessive
inrush current and makes sure of a controlled output voltage rise time. This control also prevents unwanted
voltage drops from high impedance power sources or batteries. When EN is set high, the device starts switching
after a delay of about 200μs. Then VOUT rises with a slope controlled by an external capacitor connected to the
SS/TR pin.
A capacitor connected from SS/TR to GND is charged with 2.5µA by an internal current source during soft start
until the capacitor reaches the reference voltage of 0.6V. After reaching 0.6V, the SS/TR pin voltage is clamped
internally while the SS/TR pin voltage keeps rising to a maximum of about 3.3V. The capacitance required to set
a certain ramp-time (tramp) is:
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com