Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C1001-10B3TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27C1001-10B3TR
Description  1 Mbit 128Kb x8 UV EPROM and OTP EPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-10B3TR Datasheet(HTML) 2 Page - STMicroelectronics

  M27C1001-10B3TR Datasheet HTML 1Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 2Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 3Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 4Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 5Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 6Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 7Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 8Page - STMicroelectronics M27C1001-10B3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
M27C1001
2/17
Figure 2B. LCC Connections
AI00712
A8
A10
17
A1
A0
Q0
A7
A4
A3
A2
A6
A5
9
A9
1
A11
A13
Q7
32
M27C1001
A14
G
E
25
Figure 2A. DIP Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
VSS
Q4
Q6
NC
P
A16
A12
VPP
VCC
A15
AI00711
M27C1001
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Figure 2C. TSOP Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
Q4
Q6
NC
P
A16
A12
VPP
VCC
A15
AI01151B
M27C1001
(Normal)
8
1
9
16
17
24
25
32
VSS
Table 1. Signal Names
A0-A16
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com